Part Number Hot Search : 
00V21 BU250 RT9199P B0530WS PT6608 STW5094T RF064P 4543B
Product Description
Full Text Search
 

To Download PDL03-48D05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.pduke.com 2016/1/6 pdl03w series dc-dc converter 4:1 ultra wide input range up to 3 watts features applications no minimum load required up to 3000vdc input to output isolation small size and low profile 0.86 x 0.36 x 0.44 inch low output ripple and noise ul60950-1, en60950-1, & iec60950-1 safety approvals ce marked compliant to rohs ii & reach wireless network telecom/datacom industry control system distributed power architectures semiconductor equipment 3000vdc isolation 1600vdc isolation remote control scp technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load model number vdc vdc ma ma % f pdl03-12s3p3w 4.5 ~ 18 3.3 700 35 74 3300 pdl03-12s05w 4.5 ~ 18 5 600 40 78 1680 pdl03-12s09w 4.5 ~ 18 9 333 40 79 1000 pdl03-12s12w 4.5 ~ 18 12 250 40 80 820 pdl03-12s15w 4.5 ~ 18 15 200 40 80 680 pdl03-12d05w 4.5 ~ 18 5 300 40 80 1000 pdl03-12d12w 4.5 ~ 18 12 125 40 80 470 pdl03-12d15w 4.5 ~ 18 15 100 40 80 330 pdl03-24s3p3w 9 ~ 36 3.3 700 20 75 3300 pdl03-24s05w 9 ~ 36 5 600 20 80 1680 pdl03-24s09w 9 ~ 36 9 333 19 80 1000 pdl03-24s12w 9 ~ 36 12 250 20 82 820 pdl03-24s15w 9 ~ 36 15 200 19 82 680 pdl03-24d05w 9 ~ 36 5 300 25 79 1000 pdl03-24d12w 9 ~ 36 12 125 25 81 470 pdl03-24d15w 9 ~ 36 15 100 25 81 330 pdl03-48s3p3w 18 ~ 75 3.3 700 12 74 3300 pdl03-48s05w 18 ~ 75 5 600 12 80 1680 pdl03-48s09w 18 ~ 75 9 333 13 80 1000 pdl03-48s12w 18 ~ 75 12 250 14 81 820 pdl03-48s15w 18 ~ 75 15 200 14 81 680 PDL03-48D05W 18 ~ 75 5 300 14 79 1000 pdl03-48d12w 18 ~ 75 12 125 14 81 470 pdl03-48d15w 18 ~ 75 15 100 14 81 330
pdl03w 2 www.pduke.com 2016/1/6 part number structure pdl03 - 48 s 05 w h series name input output output input isolation voltage quantity voltage range option (vdc) (vdc) 12: 4.5~18 s: single 3p3: 3.3 4 : 1    : standard type 24: 9~36 05: 5 1600vdc isolation 48: 18~75 09: 9 h: 3000vdc isolation 12: 12 15: 15 d: dual 05: 5 12: 12 15: 15 input specifications parameter conditions min. typ. max. unit operating input voltage range 12vin(nom) 24vin(nom) 48vin(nom) 4.5 9 18 12 24 48 18 36 75 vdc start up time constant resistive load power up remote on/off 30 30 ms input surge voltage 100 ms, max. 12vin(nom) 24vin(nom) 48vin(nom) 36 50 100 vdc input reflected ripple current 12vin(nom) 24vin(nom) 48vin(nom) 25 10 8 map-p input filter capacitor type dc-dc on open or high impedance remote on/off ctrl pin applied current via 1k  dc-dc off 2 3 4 ma remote off input current 2.5 ma application circuit dc-dc on dc-dc off output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load -0.2 +0.2 % single -1.0 +1.0 no load to full load dual -1.0 +1.0 % load regulation 5% load to 100% full load single -0.5 +0.5 % cross regulation asymmetrical load 25%/100% fl dual -5.0 +5.0 % ripple and noise 20mhz bandwidth 30 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step change 250 s short circuit protection continuous, automatics recovery
pdl03w 3 www.pduke.com 2016/1/6 general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output standard type 1600 suffix h 3000 vdc isolation resistance 500vdc 1 g  isolation capacitance standard type 200 suffix h 40 pf switching frequency full load to minimum load 100 khz safety approvals ul60950-1 en60950-1 iec60950-1 case material non-conductive black plastic base material none potting material silicone (ul94 v-0) weight 4.8g (0.17oz) mtbf mil-hdbk-217f 3.482 x 10 6 hrs environmental specifications parameter conditions min. typ. max. unit operating ambient temperature without derating with derating -40 +71 +71 +100 storage temperature range -55 +125 thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (1) en55022 class a class b esd en61000-4-2 air 8kv and contact 6kv perf. c riteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (2) en61000-4-4 2kv perf. criteria a surge (2) en61000-4-5 1kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a power frequency magnetic field en61000-4-8 100a/m c ontinuous; 1000a/m 1 second perf. criteria a note: 1. the standard module meets emi class a or class b with external components. for further information, please contact with p-duke. 2. an external input filter capacitor is required if t he module has to meet en61000-4-4, en61000-4-5. the filter capacitor power mate suggest: nippon che mi-con ky series, 100 f/100v. caution: this power module is not internally fused. an input line fuse must always be used. characteristic curve pdl03-24s05w derating curve pdl03-24s05w efficiency vs. input voltage pdl03-24s05w efficiency vs. outp ut load
pdl03w 4 www.pduke.com 2016/1/6 mechanical drawing pin connection pin single dual 1 -vin -vin 2 +vin +vin 3 ctrl ctrl 5 nc*/no pin** nc*/no pin** 6 +vout +vout 7 -vout common 8 nc -vout *nc pin for standard type model. **no pin for 3kvdc isolation model (suffix h). 1. all dimensions in inch [mm] 2. tolerance :x.xx0.02 [x.x0.5] x.xxx0.01 [x.xx0.25] 3. pin pitch tolerance 0.01 [0.25] 4. pin dimension tolerance 0.004 [0.1]


▲Up To Search▲   

 
Price & Availability of PDL03-48D05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X